Part Number Hot Search : 
CO55C DF10S Q7015R9 30150 MB90F347 CXK5416P SFH495P LP295
Product Description
Full Text Search
 

To Download IPB80N06S2L-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPB80N06S2L-05 IPI80N06S2L-05, IPP80N06S2L-05
OptiMOS(R) Power-Transistor
Features * N-channel Logic Level - Enhancement mode * Automotive AEC Q101 qualified * MSL1 up to 260C peak reflow * 175C operating temperature * Green package (lead free) * Ultra low Rds(on) * 100% Avalanche tested PG-TO263-3-2
Product Summary V DS R DS(on),max (SMD version) ID 55 4.5 80 V m A
PG-TO220-3-1
PG-TO262-3-1
Type IPB80N06S2L-05 IPP80N06S2L-05 IPI80N06S2L-05
Package PG-TO263-3-2 PG-TO220-3-1 PG-TO262-3-1
Ordering Code SP0002-19004 SP0002-19000 SP0002-19002
Marking 2N06L05 2N06L05 2N06L05
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current1) Symbol ID Conditions T C=25 C, V GS=10 V T C=100 C, V GS=10 V2) Pulsed drain current2) Avalanche energy, single pulse2) Gate source voltage4) Power dissipation Operating and storage temperature I D,pulse E AS V GS P tot T j, T stg T C=25 C T C=25 C I D= 80 A Value 80 80 320 800 20 300 -55 ... +175 mJ V W C Unit A
Rev. 1.0
page 1
2006-03-13
IPB80N06S2L-05 IPI80N06S2L-05, IPP80N06S2L-05
Parameter Symbol Conditions min. Thermal characteristics2) Thermal resistance, junction - case Thermal resistance, junction ambient, leaded SMD version, device on PCB R thJC R thJA R thJA minimal footprint 6 cm2 cooling area5) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D= 1 mA V GS(th) V DS=V GS, I D=250 A V DS=55 V, V GS=0 V, T j=25 C V DS=55 V, V GS=0 V, T j=125 C2) Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=80 A V GS=4.5 V, I D=80 A, SMD version Drain-source on-state resistance RDS(on) V GS=10 V, I D=80 A, V GS=10 V, I D=80 A, SMD version 55 1.2 1.6 2.0 V 0.5 62 62 40 K/W Values typ. max. Unit
Zero gate voltage drain current
I DSS
-
0.01
1
A
-
1 1 4.4 4.1 3.6 3.3
100 100 6 5.7 4.8 4.5 m nA m
Rev. 1.0
page 2
2006-03-13
IPB80N06S2L-05 IPI80N06S2L-05, IPP80N06S2L-05
Parameter Symbol Conditions min. Dynamic characteristics2) Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics2) Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode continous forward current2) Diode pulse current2) Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=80 A, T j=25 C V R=30 V, I F=I S, di F/dt =100 A/s 0.9 80 320 1.3 V A Q gs Q gd Qg V plateau V DD=44 V, I D=80 A, V GS=0 to 10 V 19 60 170 3.3 25 90 230 V nC C iss C oss Crss t d(on) tr t d(off) tf V DD=30 V, V GS=10 V, I D=80 A, R G=1.3 V GS=0 V, V DS=25 V, f =1 MHz 5700 1330 360 19 93 67 90 ns pF Values typ. max. Unit
Reverse recovery time2)
t rr
-
65
80
ns
Reverse recovery charge2)
1)
Q rr
-
125
160
nC
Current is limited by bondwire; with an R thJC = 0.5 K/W the chip is able to carry 173 A at 25C. For detailed information see Application Note ANPS071E at www.infineon.com/optimos
2) 3)
Defined by design. Not subject to production test. See diagram 13 Qualified at -20V and +20V.
4) 5)
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.0
page 3
2006-03-13
IPB80N06S2L-05 IPI80N06S2L-05, IPP80N06S2L-05
1 Power dissipation P tot = f(T C); V GS 4 V 2 Drain current I D = f(T C); V GS 10 V
350
100
300 80 250 60
P tot [W]
200
150
I D [A]
40 20 0 0 50 100 150 200 0 50 100 150 200
100
50
0
T C [C]
T C [C]
3 Safe operating area I D = f(V DS); T C = 25 C; D = 0 parameter: t p
1000
4 Max. transient thermal impedance Z thJC = f(t p) parameter: D =t p/T
100
1 s 0.5 10 s 100 s
100
1 ms
10-1
0.1
Z thJC [K/W]
I D [A]
0.05
10
10-2
0.01
single pulse
1 0.1 1 10 100
10-3 10-7 10-6 10-5 10-4 10-3 10-2 10-1 100
V DS [V]
t p [s]
Rev. 1.0
page 4
2006-03-13
IPB80N06S2L-05 IPI80N06S2L-05, IPP80N06S2L-05
5 Typ. output characteristics I D = f(V DS); T j = 25 C parameter: V GS
300
10 V
6 Typ. drain-source on-state resistance R DS(on) = (I D); T j = 25 C parameter: V GS
12
3V
250
4V
10
200
8
R DS(on) [m]
3.5 V
I D [A]
3.5 V
150
6
4V
100
4
4.5 V
10 V 3V
50
2
0 0 2 4
2.5 V
0
6 8 10
0
20
40
60
80
100
120
V DS [V]
I D [A]
7 Typ. transfer characteristics I D = f(V GS); V DS = 6V parameter: T j
200 180 160 140
8 Typ. Forward transconductance g fs = f(I D); T j = 25C parameter: g fs
300
250
200 120 100 80 60 40
175 C
g fs [S]
25 C -55 C
I D [A]
150
100
50
20 0 1 2
0 3 4 0 50 100 150 200
V GS [V]
I D [A]
Rev. 1.0
page 5
2006-03-13
IPB80N06S2L-05 IPI80N06S2L-05, IPP80N06S2L-05
9 Typ. Drain-source on-state resistance R DS(ON) = f(T j) parameter: I D = 80 A; VGS = 10 V
10
10 Typ. gate threshold voltage V GS(th) = f(T j); V GS = V DS parameter: I D
2.5
8
2
1250 A
R DS(on) [m]
V GS(th) [V]
6
1.5
250 A
4
1
2
0.5
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C = f(V DS); V GS = 0 V; f = 1 MHz
12 Typical forward diode characteristicis IF = f(VSD) parameter: T j
104
Ciss
103
Coss
102
C [pF]
103
Crss
I F [A]
101
175 C
25 C
102 0 5 10 15 20 25 30
100 0 0.2 0.4 0.6 0.8 1 1.2 1.4
V DS [V]
V SD [V]
Rev. 1.0
page 6
2006-03-13
IPB80N06S2L-05 IPI80N06S2L-05, IPP80N06S2L-05
13 Typical avalanche energy E AS = f(T j) parameter: I D
1400
50 A
14 Typ. gate charge V GS = f(Q gate); I D = 80 A pulsed
12
1200
60 A
10
11 V 44 V
1000 8
E AS [mJ]
V GS [V]
800
80 A
6
600
4 400 2
200
0 0 50 100 150 200
0 0 50 100 150 200
T j [C]
Q gate [nC]
15 Typ. drain-source breakdown voltage V BR(DSS) = f(T j); I D = 1 mA
16 Gate charge waveforms
66 64 62 60
V GS
Qg
V BR(DSS) [V]
58 56 54 52 50 48 46 -60 -20 20 60 100 140 180
Q gate
Q gs Q gd
T j [C]
Rev. 1.0
page 7
2006-03-13
IPB80N06S2L-05 IPI80N06S2L-05, IPP80N06S2L-05
Published by Infineon Technologies AG St.-Martin-Strae 53 D-81541 Munchen (c) Infineon Technologies AG 2004 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein.
Information For further information on technology, delivery terms and conditions and prices, please contact your nearest Infineon Technologies Office (www.infineon.com)
Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact your nearest Infineon Technologies Office. effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 8
2006-03-13


▲Up To Search▲   

 
Price & Availability of IPB80N06S2L-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X